データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38-002.25-171PTLHT データシート(PDF) 1 Page - Aries Electronics, Inc.

部品番号 38-002.25-171PTLHT
部品情報  Flat Pin Staked Flex Jumpers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARIES [Aries Electronics, Inc.]
ホームページ  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

38-002.25-171PTLHT データシート(HTML) 1 Page - Aries Electronics, Inc.

  38-002.25-171PTLHT Datasheet HTML 1Page - Aries Electronics, Inc. 38-002.25-171PTLHT Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series 171 thru 173
Flat Pin Staked Flex Jumpers
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
FEATURES:
• Aries Flat Pin Staked Flex Jumpers combine thin, flexible, solid Copper
conductors embedded between layers of tough, flexible, flame-
retardant insulation.
• Consult factory for cable lengths under 2.000 [50.80].
• See DataSheet 11019 for 90° Pin Staked Flex Jumpers.
• For RoHS applications for Lead-Free Soldering use HT Cable.
GENERAL SPECIFICATIONS:
• Standard cable insulation is white UL VW-1, Style 2643 flame retardant
Polyester (Mylar) adhesive.
• High temperature flame retardant cable insulation is Polyimide
(Kapton) insulation with acrylic adhesive.
• Cable conductors are solid Copper with a cross-sectional area equiva-
lent to that of 26 gauge AWG.
• Female housing is black UL 94V-0 Glass-filled Stanyl 4/6 Nylon.
• Female and male “crimp-on” pins are spring-tempered Copper
Alloy 510.
• Female and male pin plating:
T
= 100
μ” [2.54μm] min. Matte Tin per ASTM-B545-97 over 50μ” Min
Nickel per SAE-AMS-QQ-N-290
TL
= 100
μ” [2.54μm] min. 93/7 Tin/Lead per SAE-AMS-P-81728 over
50
μ” [1.27μm] min. Nickel per SAE-AMS-QQ-N-290.
• Cable current rating=3 Amps.
• Cable voltage rating=300 Volts.
• Cable dielectric strength=2500 Volts/mil, minimum (standard)
=4000 Volts/mil, minimum (high temp.).
• Cable insulation resistance=1000 MOhms minimum (standard)
=100,000 MOhms (high temp.).
• Operating temperature=-67 to 257°F [-55 to 105°C].
• Female housing accepts leads .024-.030 [.61-.76] square, .150 [3.81]
long minimum.
MOUNTING CONSIDERATIONS:
•Suggested PCB hole size=.032 ± .002 [.81 ± .05] dia.
MALE CONTACT DETAIL
ORDERING INFORMATION
No. of conductors
(4 thru 40)
Cable length: “L” in inches:
Min. Cable Length = 2.00” (-002-)
2” = -002-
2.5” = -002.5-
2.25” = -002.25-
2.125” = -002.125-
Jumper series:
171: male Tin both ends
172: male Tin/female Tin
173: female Tin both ends
CABLE DETAIL
Kapton is a registered trademark of DuPont
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
11005
REV. J
Page 1 of 2
XX-XXXXX-17XXXXXX
Optional Suffix:
P= polarization
stripe along one
edge of cable**
** Aries reserves the right to
ship with or without a polariza-
tion stripe unless otherwise
specified by the customer
Optional Suffix:
TL = Tin/Lead
Plating
Optional Suffix:
HT = High
temp. cable
insulation
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com
abc


同様の部品番号 - 38-002.25-171PTLHT

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
38-00-0089 MOLEX3-38-00-0089 Datasheet
437Kb / 6P
   2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical Square Pin, 6 Circuits, Circuit 3 Voided
38-00-0090 MOLEX3-38-00-0090 Datasheet
437Kb / 6P
   2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Vertical Square Pin, 6 Circuits, Circuits 3, 4 & 5 Voided
38-00-0205 MOLEX-38-00-0205 Datasheet
274Kb / 4P
   KK (5.08)/.200 VERTICAL HEADER ASSEMBLY ROUND PIN
2010/12/06
38-00-0589 MOLEX11-38-00-0589 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 6 Circuits, 2 Female Terminal, 4 Male Terminals
38-00-0590 MOLEX11-38-00-0590 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093Pin and Socket Header, Shrouded, 6 Circuits, 3 Male Terminals, 1 Female Terminal, 2 Male Terminals
More results

同様の説明 - 38-002.25-171PTLHT

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
13-003-173 ARIES-13-003-173 Datasheet
272Kb / 3P
   Flat Pin Staked Flex Jumpers
logo
Molex Electronics Ltd.
15166-XXXX MOLEX2-15166-XXXX Datasheet
916Kb / 2P
   Premo-Flex??Flat Flex Cable Jumpers
0152670923 MOLEX1-0152670923 Datasheet
37Kb / 1P
   Premo-Flex Cable Jumpers
15015-0223 MOLEX2-15015-0223 Datasheet
713Kb / 2P
   Premo-Flex??Etched Polyimide Jumpers
0150200457 MOLEX2-0150200457 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
0150200303 MOLEX2-0150200303 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
logo
XFMRS Inc.
XFATM2RA-USBXU-2 XFMRS-XFATM2RA-USBXU-2 Datasheet
107Kb / 3P
   STAKED USB COMBO
XFGIB100APOL-STKVDXU4-4 XFMRS-XFGIB100APOL-STKVDXU4-4 Datasheet
182Kb / 2P
   2X2 STAKED COMBO
XFGIB100APOL-STKVDXU12-4 XFMRS-XFGIB100APOL-STKVDXU12-4 Datasheet
212Kb / 2P
   2X6 STAKED COMBO
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com