| データシートサーチシステム |
|
TMS320DM647ZUT9 データシート(PDF) 153 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647ZUT9 データシート(HTML) 153 Page - Texas Instruments |
|
153 / 181 page ![]() 8 7 4 4 3 2 2 1 A0 A1 B0 B1 A30 A31 B30 B31 C0 C1 C2 C3 C31 AHCLKR/X (Falling Edge Polarity) AHCLKR/X (Rising Edge Polarity) AFSR/X (Bit Width, 0 Bit Delay) AFSR/X (Bit Width, 1 Bit Delay) AFSR/X (Bit Width, 2 Bit Delay) AFSR/X (Slot Width, 0 Bit Delay) AFSR/X (Slot Width, 1 Bit Delay) AFSR/X (Slot Width, 2 Bit Delay) AXR[n] (Data In/Receive) 6 5 ACLKR/X (CLKRP = CLKXP = 0)(A) ACLKR/X (CLKRP = CLKXP = 1)(B) TMS320DM647 TMS320DM648 www.ti.com SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009 A. For CLKRP = CLKXP = 0, the McASP transmitter is configured for rising edge (to shift data out) and the McASP receiver is configured for falling edge (to shift data in). B. For CLKRP = CLKXP = 1, the McASP transmitter is configured for falling edge (to shift data out) and the McASP receiver is configured for rising edge (to shift data in). Figure 6-49. McASP Input Timing Copyright © 2010–2009, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 153 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |