| データシートサーチシステム |
|
AM1808AZCE4 データシート(PDF) 113 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1808AZCE4 データシート(HTML) 113 Page - Texas Instruments |
|
113 / 264 page ![]() A1 A1 DDR2/mDDR Device RegionshouldencompassallDDR2/mDDRcircuitryandvaries dependingonplacement.Non-DDR2/mDDRsignalsshouldnotbe routedontheDDRsignallayerswithintheDDR2/mDDRkeepout region.Non-DDR2/mDDRsignalsmayberoutedintheregion providedtheyareroutedonlayersseparatedfromDDR2/mDDR signallayersbyagroundlayer.Nobreaksshouldbeallowedinthe referencegroundlayersinthisregion.Inaddition,the1.8Vpower planeshouldcovertheentirekeepoutregion. AM1808 www.ti.com SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010 6.11.3.5 DDR2/mDDR Keep Out Region The region of the PCB used for the DDR2/mDDR circuitry must be isolated from other signals. The DDR2/mDDR keep out region is defined for this purpose and is shown in Figure 6-19. The size of this region varies with the placement and DDR routing. Additional clearances required for the keep out region are shown in Table 6-28. Figure 6-19. DDR2/mDDR Keepout Region Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 113 Submit Documentation Feedback Product Folder Link(s): AM1808 |