| データシートサーチシステム |
|
MC9S08SH4MPJR データシート(PDF) 134 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR データシート(HTML) 134 Page - Freescale Semiconductor, Inc |
|
134 / 338 page ![]() Chapter 9 Analog-to-Digital Converter (S08ADC10V1) MC9S08SH8 MCU Series Data Sheet, Rev. 3 134 Freescale Semiconductor 9.3.9 Pin Control 2 Register (APCTL2) APCTL2 is used to control channels 8–15 of the ADC module. 1 ADPC1 ADC Pin Control 1 — ADPC1 is used to control the pin associated with channel AD1. 0 AD1 pin I/O control enabled 1 AD1 pin I/O control disabled 0 ADPC0 ADC Pin Control 0 — ADPC0 is used to control the pin associated with channel AD0. 0 AD0 pin I/O control enabled 1 AD0 pin I/O control disabled 7654 3 210 R ADPC15 ADPC14 ADPC13 ADPC12 ADPC11 ADPC10 ADPC9 ADPC8 W Reset: 0 0 0 0 0 0 0 0 Figure 9-12. Pin Control 2 Register (APCTL2) Table 9-10. APCTL2 Register Field Descriptions Field Description 7 ADPC15 ADC Pin Control 15 — ADPC15 is used to control the pin associated with channel AD15. 0 AD15 pin I/O control enabled 1 AD15 pin I/O control disabled 6 ADPC14 ADC Pin Control 14 — ADPC14 is used to control the pin associated with channel AD14. 0 AD14 pin I/O control enabled 1 AD14 pin I/O control disabled 5 ADPC13 ADC Pin Control 13 — ADPC13 is used to control the pin associated with channel AD13. 0 AD13 pin I/O control enabled 1 AD13 pin I/O control disabled 4 ADPC12 ADC Pin Control 12 — ADPC12 is used to control the pin associated with channel AD12. 0 AD12 pin I/O control enabled 1 AD12 pin I/O control disabled 3 ADPC11 ADC Pin Control 11 — ADPC11 is used to control the pin associated with channel AD11. 0 AD11 pin I/O control enabled 1 AD11 pin I/O control disabled 2 ADPC10 ADC Pin Control 10 — ADPC10 is used to control the pin associated with channel AD10. 0 AD10 pin I/O control enabled 1 AD10 pin I/O control disabled Table 9-9. APCTL1 Register Field Descriptions (continued) Field Description |