| データシートサーチシステム |
|
PIC12F1822-I/MF データシート(PDF) 292 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-I/MF データシート(HTML) 292 Page - Microchip Technology |
|
292 / 398 page ![]() PIC12F/LF1822/16F/LF1823 DS41413A-page 292 Preliminary 2010 Microchip Technology Inc. TABLE 25-3: BAUD RATE FORMULAS TABLE 25-4: SUMMARY OF REGISTERS ASSOCIATED WITH THE BAUD RATE GENERATOR Configuration Bits BRG/EUSART Mode Baud Rate Formula SYNC BRG16 BRGH 00 0 8-bit/Asynchronous FOSC/[64 (n+1)] 00 1 8-bit/Asynchronous FOSC/[16 (n+1)] 01 0 16-bit/Asynchronous 01 1 16-bit/Asynchronous FOSC/[4 (n+1)] 10 x 8-bit/Synchronous 11 x 16-bit/Synchronous Legend: x = Don’t care, n = value of SPBRGH, SPBRGL register pair Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page BAUDCON ABDOVF RCIDL — SCKP BRG16 — WUE ABDEN 290 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 289 SPBRGL BRG7 BRG6 BRG5 BRG4 BRG3 BRG2 BRG1 BRG0 291* SPBRGH BRG15 BRG14 BRG13 BRG12 BRG11 BRG10 BRG9 BRG8 291* TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 288 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for the Baud Rate Generator. * Page provides register information. |