| データシートサーチシステム |
|
PIC12F1822-I/MF データシート(PDF) 372 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-I/MF データシート(HTML) 372 Page - Microchip Technology |
|
372 / 398 page ![]() PIC12F/LF1822/16F/LF1823 DS41413A-page 372 Preliminary 2010 Microchip Technology Inc. 32.2 Package Marking Information * Standard PICmicro® device marking consists of Microchip part number, year code, week code and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 14-Lead PDIP XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN Example PIC16F1823-I/P 0910017 14-Lead SOIC (.150”) XXXXXXXXXXX XXXXXXXXXXX YYWWNNN Example PIC16F1823 -I/SL 0910017 14-Lead TSSOP XXXXXXXX YYWW NNN Example 1823/ST 0910 017 XXXXXXX 16-Lead QFN (4x4x0.9 mm) XXXXXXX YYWWNNN Example XXXXXX -I/ML 0910017 16F1823 |