データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12F1822-I/MF データシート(PDF) 184 Page - Microchip Technology

部品番号 PIC12F1822-I/MF
部品情報  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF データシート(HTML) 184 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 180Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 181Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 182Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 183Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 184Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 185Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 186Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 187Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 184
Preliminary
 2010 Microchip Technology Inc.
21.0 TIMER2 MODULE
The Timer2 module incorporate the following features:
• 8-bit Timer and Period registers (TMR2 and PR2,
respectively)
• Readable and writable (both registers)
• Software programmable prescaler (1:1, 1:4, 1:16,
and 1:64)
• Software programmable postscaler (1:1 to 1:16)
• Interrupt on TMR2 match with PR2, respectively
• Optional use as the shift clock for the MSSP1
modules (Timer2 only)
See Figure 21-1 for a block diagram of Timer2.
FIGURE 21-1:
TIMER2 BLOCK DIAGRAM
Comparator
TMRx
Sets Flag
TMR2
Outp2t
Reset
Postscaler
Prescaler
PR2
2
FOSC/4
1:1 to 1:16
1:1, 1:4, 1:16, 1:64
EQ
4
bit TMR2IF
T2OUTPS<3:0>
T2CKPS<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More