| データシートサーチシステム |
|
PIC12F1822-E/ST データシート(PDF) 272 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/ST データシート(HTML) 272 Page - Microchip Technology |
|
272 / 398 page ![]() PIC12F/LF1822/16F/LF1823 DS41413A-page 272 Preliminary 2010 Microchip Technology Inc. TABLE 24-3: SUMMARY OF REGISTERS ASSOCIATED WITH I2C™ OPERATION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on Page INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 89 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 90 PIE2 OSFIE C2IE(1) C1IE EEIE BCL1IE — — —91 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF 92 PIR2 OSFIF C2IF(1) C1IF EEIF BCL1IF — — —93 SSP1ADD ADD7 ADD6 ADD5 ADD4 ADD3 ADD2 ADD1 ADD0 278 SSP1BUF Synchronous Serial Port Receive Buffer/Transmit Register 229* SSP1CON1 WCOL SSPOV SSPEN CKP SSPM<3:0> 275 SSP1CON2 GCEN ACKSTAT ACKDT ACKEN RCEN PEN RSEN SEN 276 SSP1CON3 ACKTIM PCIE SCIE BOEN SDAHT SBCDE AHEN DHEN 277 SSP1MSK MSK7 MSK6 MSK5 MSK4 MSK3 MSK2 MSK1 MSK0 278 SSP1STAT SMP CKE D/A P S R/W UA BF 274 TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 121 TRISC — — TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 125 Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used by the MSSP module in I2C™ mode. * Page provides register information. Note 1: PIC16F/LF1823 only. |