データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC12F1822-E/ST データシート(PDF) 371 Page - Microchip Technology

部品番号 PIC12F1822-E/ST
部品情報  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-E/ST データシート(HTML) 371 Page - Microchip Technology

Back Button PIC12F1822-E/ST Datasheet HTML 367Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 368Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 369Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 370Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 371Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 372Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 373Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 374Page - Microchip Technology PIC12F1822-E/ST Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 371
PIC12F/LF1822/16F/LF1823
32.0 PACKAGING INFORMATION
32.1
Package Marking Information
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
017
Example
12F1822/P
0910
8-Lead SOIC (.150”)
XXXXXXXX
XXXXYYWW
NNN
Example
PIC12F1822
/SN0910
017
XXXX
8-Lead DFN (3x3x0.9 mm)
YYWW
NNN
BEQX
Example
0910
017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More