| データシートサーチシステム |
|
PIC16F722AT-E/ML データシート(PDF) 136 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F722AT-E/ML データシート(HTML) 136 Page - Microchip Technology |
|
136 / 284 page ![]() PIC16F/LF722A/723A DS41417A-page 136 2010 Microchip Technology Inc. 16.1.1.4 TSR Status The TRMT bit of the TXSTA register indicates the status of the TSR register. This is a read-only bit. The TRMT bit is set when the TSR register is empty and is cleared when a character is transferred to the TSR register from the TXREG. The TRMT bit remains clear until all bits have been shifted out of the TSR register. No interrupt logic is tied to this bit, so the user has to poll this bit to determine the TSR status. 16.1.1.5 Transmitting 9-Bit Characters The AUSART supports 9-bit character transmissions. When the TX9 bit of the TXSTA register is set, the AUSART will shift 9 bits out for each character transmit- ted. The TX9D bit of the TXSTA register is the ninth, and Most Significant, data bit. When transmitting 9-bit data, the TX9D data bit must be written before writing the 8 Least Significant bits into the TXREG. All nine bits of data will be transferred to the TSR shift register immediately after the TXREG is written. A special 9-bit Address mode is available for use with multiple receivers. Refer to Section 16.1.2.7 “Address Detection” for more information on the Address mode. 16.1.1.6 Asynchronous Transmission Set-up: 1. Initialize the SPBRG register and the BRGH bit to achieve the desired baud rate (Refer to Section 16.2 “AUSART Baud Rate Generator (BRG)”). 2. Enable the asynchronous serial port by clearing the SYNC bit and setting the SPEN bit. 3. If 9-bit transmission is desired, set the TX9 con- trol bit. A set ninth data bit will indicate that the 8 Least Significant data bits are an address when the receiver is set for address detection. 4. Enable the transmission by setting the TXEN control bit. This will cause the TXIF interrupt bit to be set. 5. If interrupts are desired, set the TXIE interrupt enable bit of the PIE1 register. An interrupt will occur immediately provided that the GIE and PEIE bits of the INTCON register are also set. 6. If 9-bit transmission is selected, the ninth bit should be loaded into the TX9D data bit. 7. Load 8-bit data into the TXREG register. This will start the transmission. FIGURE 16-3: ASYNCHRONOUS TRANSMISSION FIGURE 16-4: ASYNCHRONOUS TRANSMISSION (BACK-TO-BACK) Note: The TSR register is not mapped in data memory, so it is not available to the user. Word 1 Stop bit Word 1 Transmit Shift Reg Start bit bit 0 bit 1 bit 7/8 Write to TXREG Word 1 BRG Output (Shift Clock) TX/CK pin TXIF bit (Transmit Buffer Empty Flag) TRMT bit (Transmit Shift Reg. Empty Flag) 1 TCY Transmit Shift Reg. Write to TXREG BRG Output (Shift Clock) TX/CK pin TRMT bit (Transmit Shift Reg. Empty Flag) Word 1 Word 2 Word 1 Word 2 Start bit Stop bit Start bit Transmit Shift Reg. Word 1 Word 2 bit 0 bit 1 bit 7/8 bit 0 Note: This timing diagram shows two consecutive transmissions. 1 TCY 1 TCY TXIF bit (Transmit Buffer Empty Flag) |