| データシートサーチシステム |
|
PIC18F23K20-E/ML データシート(PDF) 255 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K20-E/ML データシート(HTML) 255 Page - Microchip Technology |
|
255 / 456 page ![]() 2010 Microchip Technology Inc. DS41303G-page 255 PIC18F2XK20/4XK20 FIGURE 18-7: AUTO-WAKE-UP BIT (WUE) TIMING DURING NORMAL OPERATION FIGURE 18-8: AUTO-WAKE-UP BIT (WUE) TIMINGS DURING SLEEP Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 OSC1 WUE bit RX/DT Line RCIF Bit set by user Auto Cleared Cleared due to User Read of RCREG Note 1: The EUSART remains in Idle while the WUE bit is set. Q1 Q2 Q3 Q4 Q1Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 OSC1 WUE bit RX/DT Line RCIF Bit Set by User Auto Cleared Cleared due to User Read of RCREG Sleep Command Executed Note 1 Note 1: If the wake-up event requires long oscillator warm-up time, the automatic clearing of the WUE bit can occur while the stposc signal is still active. This sequence should not depend on the presence of Q clocks. 2: The EUSART remains in Idle while the WUE bit is set. Sleep Ends |