データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBT5550 データシート(PDF) 1 Page - Zowie Technology Corporation

部品番号 MMBT5550
部品情報  HIGH VOLTAGE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZOWIE [Zowie Technology Corporation]
ホームページ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT5550 データシート(HTML) 1 Page - Zowie Technology Corporation

  MMBT5550 Datasheet HTML 1Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 2Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 3Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Zowie Technology Corporation
High Voltage Transistor
NPN Silicon
MMBT5550
1
2
1
2
3
3
SOT-23
Rating
Symbol
Value
Unit
Characteristic
Symbol
Min.
Max.
Unit
Collector-Emitter Voltage
VCEO
140
Vdc
Collector-Base Voltage
VCBO
160
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current-Continuous
IC
600
mAdc
Characteristic
Symbol
Max.
Unit
Total Device Dissipation FR-5 Board
(1) TA=25
o
C
Derate above 25
o
C
PD
225
1.8
mW
mW /
oC
Total Device Dissipation Alumina Substrate,
(2) TA=25
o
C
Derate above 25
o
C
PD
V(BR)CBO
300
2.4
160
-
mW
mW /
oC
Thermal Resistance Junction to Ambient
556
oC / W
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
V(BR)CEO
140
-
Vdc
Vdc
OFF CHARACTERISTICS
R JA
Thermal Resistance Junction to Ambient
417
oC / W
R JA
Junction and Storage Temperature
Collector-Base Breakdowe Voltage
( IC=100 uAdc, IE=0 )
V(BR)EBO
6.0
-
Vdc
Emitter-Base Breakdowe Voltage
( IE=10 uAdc, IC=0 )
Collector-Emitter Breakdowe Voltage
(3)
( IC=1.0mAdc, IB=0 )
ICBO
-
-
100
100
nAdc
uAdc
Base Cutoff Current
( VCE=100 Vdc, IE=0 )
( VCE=100 Vdc, IE=0, TA = 100
oC )
IEBO
-
50
nAdc
Collector Cutoff Current
( VEB=4.0 Vdc, IC=0 )
MMBT5550=M1F
-55 to +150
oC
TJ,TSTG
Zowie Technology Corporation
REV. : 0
EMITTER
BASE
COLLECTOR
(1) FR-5=1.0 x 0.75 x 0.062in.
(2) Alumina=0.4 x 0.3 x 0.024in. 99.5% alumina.
(3) Pulse Test : Pulse Width = 300 uS, Duty Cycle = 2.0%.


同様の部品番号 - MMBT5550

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
Micro Commercial Compon...
MMBT5550 MCC-MMBT5550 Datasheet
232Kb / 2P
   NPN Plastic Encapsulate Transistor
logo
Fairchild Semiconductor
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
   NPN General Purpose Amplifier
logo
Shenzhen Luguang Electr...
MMBT5550 LUGUANG-MMBT5550 Datasheet
653Kb / 3P
   NPN General Purpose Amplifier
logo
Weitron Technology
MMBT5550 WEITRON-MMBT5550 Datasheet
321Kb / 5P
   High Voltage NPN Transistors
More results

同様の説明 - MMBT5550

メーカー部品番号データシート部品情報
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
   NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com