データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBT5550 データシート(PDF) 2 Page - Zowie Technology Corporation

部品番号 MMBT5550
部品情報  HIGH VOLTAGE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZOWIE [Zowie Technology Corporation]
ホームページ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT5550 データシート(HTML) 2 Page - Zowie Technology Corporation

  MMBT5550 Datasheet HTML 1Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 2Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 3Page - Zowie Technology Corporation MMBT5550 Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Zowie Technology Corporation
Characteristic
Symbol
Min.
Max.
Unit
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted) (Continued)
HFE
60
60
20
-
250
-
-
ON CHARACTERISTICS
VCE(sat)
Vdc
DC Current Gain
( IC= 1.0 mAdc, VCE= 5.0 Vdc )
( IC= 10 mAdc, VCE= 5.0 Vdc )
( IC= 50 mAdc, VCE= 5.0 Vdc )
Collector-Emitter Saturation Voltage
( IC= 10 mAdc, IB= 1.0 mAdc )
( IC= 50 mAdc, IB= 5.0 mAdc )
-
-
0.15
0.25
VBE(sat)
Vdc
Base-Emitter Saturation Voltage
( IC= 10 mAdc, IB= 1.0 mAdc )
( IC= 50 mAdc, IB= 5.0 mAdc )
-
-
1.0
1.2
Zowie Technology Corporation
REV. : 0


同様の部品番号 - MMBT5550

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
Micro Commercial Compon...
MMBT5550 MCC-MMBT5550 Datasheet
232Kb / 2P
   NPN Plastic Encapsulate Transistor
logo
Fairchild Semiconductor
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
   NPN General Purpose Amplifier
logo
Shenzhen Luguang Electr...
MMBT5550 LUGUANG-MMBT5550 Datasheet
653Kb / 3P
   NPN General Purpose Amplifier
logo
Weitron Technology
MMBT5550 WEITRON-MMBT5550 Datasheet
321Kb / 5P
   High Voltage NPN Transistors
More results

同様の説明 - MMBT5550

メーカー部品番号データシート部品情報
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
   NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
   NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com