データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBT5551 データシート(PDF) 4 Page - Zowie Technology Corporation

部品番号 MMBT5551
部品情報  HIGH VOLTAGE TRANSISTOR NPN SILICON
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZOWIE [Zowie Technology Corporation]
ホームページ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MMBT5551 データシート(HTML) 4 Page - Zowie Technology Corporation

  MMBT5551 Datasheet HTML 1Page - Zowie Technology Corporation MMBT5551 Datasheet HTML 2Page - Zowie Technology Corporation MMBT5551 Datasheet HTML 3Page - Zowie Technology Corporation MMBT5551 Datasheet HTML 4Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Zowie Technology Corporation
REV. : 0
Zowie Technology Corporation
MMBT5551
Figure 5. Temperature Coefficients
IC, COLLECTOR CURRENT ( mA )
Figure 8. Turn-On Time
VR, REVERSE VOLTAGE ( VOLTS )
Figure 7. Capacitances
VR, REVERSE VOLTAGE ( VOLTS )
Figure 9. Turn - Off Time
IC, COLLECTOR CURRENT ( mA )
TJ= 25
o
C
TJ= 25
o
C
Cibo
Cobo
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
3.0
30
0.3
TJ= -55
o
C to +135
o
C
VC for VCE(sat)
VB for VBE(sat)
Figure 6. Switching Time Test Circuit
VALUES SHOWN ARE FOR IC @ 10 mA
10.2V
Vin
Vin
10 uS
INPUT PULSE
VBB
- 8.8V
100
RB
5.1 k
0.25 uF
100
1N914
Vout
RC
VCC
30 V
3.0 k
tr, tf
10 nS
DUTY CYCLE = 1.0%
100
1.0
0.2
0.5
1.0
2.0
5.0
10
20
70
50
30
20
10
7.0
5.0
3.0
2.0
0.3
0.7
3.0
7.0
1000
0.3
1.0
10
20 30
50
0.5
0.2
10
20
30
50
100
200
300
500
2.0
100
200
3.0 5.0
IC/IB = 10
TJ= 25
o
C
IC/IB = 10
tr @ VCC = 30 V
tr @ VCC = 120 V
VCC = 120 V
td @ VEB(off) = 1.0 V
tf @ VCC = 120 V
tf @ VCC = 30 V
ts @ VCC = 120 V
5000
50
100
200
300
500
3000
2000
1000
0.3
1.0
10
20 30
50
0.5
0.2
2.0
100
200
3.0 5.0


同様の部品番号 - MMBT5551

メーカー部品番号データシート部品情報
logo
Transys Electronics
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diotec Semiconductor
MMBT5551 DIOTEC-MMBT5551 Datasheet
145Kb / 2P
SMD General Purpose PNP Transistors
logo
SHIKUES Electronics
MMBT5551 SKTECHNOLGY-MMBT5551 Datasheet
1Mb / 4P
NPN Silicon
logo
Micro Commercial Compon...
MMBT5551 MCC-MMBT5551 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Guangdong Kexin Industr...
MMBT5551 KEXIN-MMBT5551 Datasheet
1Mb / 2P
NPN Transistors
More results

同様の説明 - MMBT5551

メーカー部品番号データシート部品情報
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
SMBTA42M INFINEON-SMBTA42M Datasheet
42Kb / 4P
NPN Silicon High-Voltage Transistor
Nov-30-2001
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
NPN Silicon High Voltage Transistor
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com