| データシートサーチシステム |
|
PIC16F685-E/SS データシート(PDF) 112 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/SS データシート(HTML) 112 Page - Microchip Technology |
|
112 / 306 page ![]() PIC16F631/677/685/687/689/690 DS41262E-page 110 © 2008 Microchip Technology Inc. 9.1.6 RESULT FORMATTING The 10-bit A/D conversion result can be supplied in two formats, left justified or right justified. The ADFM bit of the ADCON0 register controls the output format. Figure 9-3 shows the two output formats. FIGURE 9-3: 10-BIT A/D CONVERSION RESULT FORMAT ADRESH ADRESL (ADFM = 0)MSB LSB bit 7 bit 0 bit 7 bit 0 10-bit A/D Result Unimplemented: Read as ‘0’ (ADFM = 1) MSB LSB bit 7 bit 0 bit 7 bit 0 Unimplemented: Read as ‘0’ 10-bit A/D Result |