| データシートサーチシステム |
|
PC912XDP512F0CFVR データシート(PDF) 222 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR データシート(HTML) 222 Page - Freescale Semiconductor, Inc |
|
222 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 222 Freescale Semiconductor Operation RD.L & IMM8 ⇒ RD.L Performs a bit wise logical AND between the low byte of register RD and an immediate 8 bit constant and stores the result in the destination register RD.L. The high byte of RD is not affected. CCR Effects Code and CPU Cycles ANDL Logical AND Immediate 8 bit Constant (Low Byte) ANDL NZ V C ∆∆ 0— N: Set if bit 7 of the result is set; cleared otherwise. Z: Set if the 8 bit result is $00; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles ANDL RD, #IMM8 IMM8 1 0 0 0 0 RD IMM8 P |