| データシートサーチシステム |
|
PC912XDP512F0CFVR データシート(PDF) 230 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR データシート(HTML) 230 Page - Freescale Semiconductor, Inc |
|
230 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 230 Freescale Semiconductor Operation !RS1[w:0] ⇒ RD[w+o:o]; w = (RS2[7:4]) o = (RS2[3:0]) Extracts w+1 bits from register RS1 starting at position 0, inverts them and writes into register RD starting at position o. The remaining bits in RD are not affected. If (o+w) > 15 the upper bits are ignored. Using R0 as a RS1, this command can be used to set bits. CCR Effects Code and CPU Cycles BFINSI Bit Field Insert and Invert BFINSI NZ V C ∆∆ 0— N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the result is $0000; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles BFINSI RD, RS1, RS2 TRI 0 1 1 1 0 RD RS1 RS2 1 1 P W4 O4 15 0 2 5 W4=3, O4=2 15 0 3 Inverted Bit Field Insert RS2 RD RS1 15 0 3 74 |