| データシートサーチシステム |
|
PC912XDP512F0CFVR データシート(PDF) 442 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR データシート(HTML) 442 Page - Freescale Semiconductor, Inc |
|
442 / 1348 page ![]() Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3) MC9S12XDP512 Data Sheet, Rev. 2.21 442 Freescale Semiconductor Read: Anytime Write: Anytime in initialization mode (INITRQ = 1 and INITAK = 1) Table 10-20. CANIDAR0–CANIDAR3 Register Field Descriptions Field Description 7:0 AC[7:0] Acceptance Code Bits — AC[7:0] comprise a user-defined sequence of bits with which the corresponding bits of the related identifier register (IDRn) of the receive message buffer are compared. The result of this comparison is then masked with the corresponding identifier mask register. Module Base + 0x0018 (CANIDAR4) 0x0019 (CANIDAR5) 0x001A (CANIDAR6) 0x001B (CANIDAR7) 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 76543210 R AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 W Reset 00000000 Figure 10-21. MSCAN Identifier Acceptance Registers (Second Bank) — CANIDAR4–CANIDAR7 |