| データシートサーチシステム |
|
PC912XDP512F0CFVR データシート(PDF) 573 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC912XDP512F0CFVR データシート(HTML) 573 Page - Freescale Semiconductor, Inc |
|
573 / 1348 page ![]() Chapter 15 Background Debug Module (S12XBDMV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 573 15.3.2 Register Descriptions A summary of the registers associated with the BDM is shown in Figure 15-2. Registers are accessed by host-driven communications to the BDM hardware using READ_BD and WRITE_BD commands. Global Address Register Name Bit 7 6 5 4 3 2 1 Bit 0 0x7FFF00 Reserved R X X X X X X 0 0 W 0x7FFF01 BDMSTS R ENBDM BDMACT 0 SDV TRACE CLKSW UNSEC 0 W 0x7FFF02 Reserved R X X X X X X X X W 0x7FFF03 Reserved R X X X X X X X X W 0x7FFF04 Reserved R X X X X X X X X W 0x7FFF05 Reserved R X X X X X X X X W 0x7FFF06 BDMCCRL R CCR7 CCR6 CCR5 CCR4 CCR3 CCR2 CCR1 CCR0 W 0x7FFF07 BDMCCRH R 0 0 0 0 0 CCR10 CCR9 CCR8 W 0x7FFF08 BDMGPR R BGAE BGP6 BGP5 BGP4 BGP3 BGP2 BGP1 BGP0 W 0x7FFF09 Reserved R 0 0 0 0 0 0 0 0 W 0x7FFF0A Reserved R 0 0 0 0 0 0 0 0 W 0x7FFF0B Reserved R 0 0 0 0 0 0 0 0 W = Unimplemented, Reserved = Implemented (do not alter) X = Indeterminate 0 = Always read zero Figure 15-2. BDM Register Summary |