| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 217 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 217 Page - Freescale Semiconductor, Inc |
|
217 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 217 Operation RS1 + RS2 ⇒ RD RD + IMM16 ⇒ RD (translates to ADDL RD, #IMM16[7:0]; ADDH RD, #[15:8]) Performs a 16 bit addition and stores the result in the destination register RD. CCR Effects Code and CPU Cycles ADD Add without Carry ADD NZ V C ∆∆∆∆ N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the result is $0000; cleared otherwise. V: Set if a two´s complement overflow resulted from the operation; cleared otherwise. RS1[15] & RS2[15] & RD[15]new | RS1[15] & RS2[15] & RD[15]new Refer to ADDH instruction for #IMM16 operations. C: Set if there is a carry from bit 15 of the result; cleared otherwise. RS1[15] & RS2[15] | RS1[15] & RD[15]new | RS2[15] & RD[15]new Refer to ADDH instruction for #IMM16 operations. Source Form Address Mode Machine Code Cycles ADD RD, RS1, RS2 TRI 0 0 0 1 1 RD RS1 RS2 1 0 P ADD RD, #IMM16 IMM8 1 1 1 0 0 RD IMM16[7:0] P IMM8 1 1 1 0 1 RD IMM16[15:8] P |