| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 236 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 236 Page - Freescale Semiconductor, Inc |
|
236 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 236 Freescale Semiconductor Operation RD.H & IMM8 ⇒ NONE Performs a bit wise logical AND between the high byte of register RD and an immediate 8 bit constant. Only the condition code flags get updated, but no result is written back CCR Effects Code and CPU Cycles BITH Bit Test Immediate 8 bit Constant (High Byte) BITH NZ V C ∆∆ 0— N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the 8 bit result is $00; cleared otherwise. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles BITH RD, #IMM8 IMM8 1 0 0 1 1 RD IMM8 P |