| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 285 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 285 Page - Freescale Semiconductor, Inc |
|
285 / 1348 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 285 Operation ~(RS1 ^ RS2) ⇒ RD ~(RD ^ IMM16) ⇒ RD (translates to XNOR RD, #IMM16{15:8]; XNOR RD, #IMM16[7:0]) Performs a bit wise logical exclusive NOR between two 16 bit values and stores the result in the destination register RD. Remark: Using R0 as a source registers will calculate the one’s complement of the other source register. Using R0 as both source operands will fill RD with $FFFF. CCR Effects Code and CPU Cycles XNOR Logical Exclusive NOR XNOR NZ V C ∆∆ 0— N: Set if bit 15 of the result is set; cleared otherwise. Z: Set if the result is $0000; cleared otherwise. Refer to XNORH instruction for #IMM16 operations. V: 0; cleared. C: Not affected. Source Form Address Mode Machine Code Cycles XNOR RD, RS1, RS2 TRI 0 0 0 1 0 RD RS1 RS2 1 1 P XNOR RD, #IMM16 IMM8 1 0 1 1 0 RD IMM16[7:0] P IMM8 1 0 1 1 1 RD IMM16[15:8] P |