| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 687 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 687 Page - Freescale Semiconductor, Inc |
|
687 / 1348 page ![]() Chapter 18 Memory Mapping Control (S12XMMCV3) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 687 18.5.3.3 ROM Control in Normal Expanded Mode In normal expanded mode the external bus will be connected to the application. If the ROMON bit is set, the internal FLASH provides the data. If the ROMON bit is cleared, the application memory provides the data (see Figure 18-29). Figure 18-29. ROM in Normal Expanded Mode ROMON = 1 Application MCU ROMON = 0 Application MCU Flash Memory Memory |