| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 1039 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 1039 Page - Freescale Semiconductor, Inc |
|
1039 / 1348 page ![]() Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1041 region are shown in the EEPROM memory map. The default protection setting is stored in the EEPROM configuration field as described in Table 25-1. Table 25-1. EEPROM Configuration Field Global Address Size (bytes) Description 0x13_FFFC 1 Reserved 0x13_FFFD 1 EEPROM Protection byte Refer to Section 25.3.2.5, “EEPROM Protection Register (EPROT)” 0x13_FFFE – 0x13_FFFF 2 Reserved |