| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 1069 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 1069 Page - Freescale Semiconductor, Inc |
|
1069 / 1348 page ![]() Chapter 25 2 Kbyte EEPROM Module (S12XEETX2KV1) MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1071 25.8.1 Description of EEPROM Interrupt Operation The logic used for generating interrupts is shown in Figure 25-24. The EEPROM module uses the CBEIF and CCIF flags in combination with the CBIE and CCIE enable bits to generate the EEPROM command interrupt request. Figure 25-24. EEPROM Interrupt Implementation For a detailed description of the register bits, refer to Section 25.3.2.4, “EEPROM Configuration Register (ECNFG)” and Section 25.3.2.6, “EEPROM Status Register (ESTAT)” . EEPROM Command Interrupt Request CBEIE CBEIF CCIE CCIF |