| データシートサーチシステム |
|
PC312XDP512F0CFVR データシート(PDF) 132 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR データシート(HTML) 132 Page - Freescale Semiconductor, Inc |
|
132 / 1348 page ![]() Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description MC9S12XDP512 Data Sheet, Rev. 2.21 132 Freescale Semiconductor 4.3.2.3 ATD Control Register 2 (ATDCTL2) This register controls power down, interrupt and external trigger. Writes to this register will abort current conversion sequence but will not start a new sequence. Table 4-5. External Trigger Channel Select Coding ETRIGSEL ETRIGCH3 ETRIGCH2 ETRIGCH1 ETRIGCH0 External Trigger Source 0 0 0 0 0 AN0 0 0 0 0 1 AN1 0 0 0 1 0 AN2 0 0 0 1 1 AN3 0 0 1 0 0 AN4 0 0 1 0 1 AN5 0 0 1 1 0 AN6 0 0 1 1 1 AN7 0 1 0 0 0 AN8 0 1 0 0 1 AN9 0 1 0 1 0 AN10 0 1 0 1 1 AN11 0 1 1 0 0 AN12 0 1 1 0 1 AN13 0 1 1 1 0 AN14 0 1 1 1 1 AN15 1 0 0 0 0 ETRIG01 1 Only if ETRIG[3:0] input option is available (see device specification), else ETRISEL is ignored, that means external trigger source remains on one of the AD channels selected by ETRIGCH[3:0] 1 0 0 0 1 ETRIG11 1 0 0 1 0 ETRIG21 1 0 0 1 1 ETRIG31 1 0 1 X X Reserved 1 1 X X X Reserved |