| データシートサーチシステム |
|
XIO2001IPNP データシート(PDF) 109 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP データシート(HTML) 109 Page - Texas Instruments |
|
109 / 131 page ![]() XIO2001 www.ti.com SCPS212D – MAY 2009 – REVISED JANUARY 2010 Table 6-7. Serial IRQ Edge Control Register Description BIT FIELD NAME ACCESS DESCRIPTION IRQ 15 edge mode 15(1) IRQ15_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 14 edge mode 14(1) IRQ14_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 13 edge mode 13(1) IRQ13_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 12 edge mode 12(1) IRQ12_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 11 edge mode 11(1) IRQ11_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 10 edge mode 10(1) IRQ10_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 9 edge mode 9(1) IRQ9_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 8 edge mode 8(1) IRQ8_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 7 edge mode 7(1) IRQ7_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 6 edge mode 6(1) IRQ6_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 5 edge mode 5(1) IRQ5_MODE RW 0 = Edge mode (default) 1 = Level mode IRQ 4 edge mode 4(1) IRQ4_MODE RW 0 = Edge mode (default) 1 = Level mode (1) These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset. Copyright © 2009–2010, Texas Instruments Incorporated Memory-Mapped TI Proprietary Register Space 109 Submit Documentation Feedback Product Folder Link(s): XIO2001 |