| データシートサーチシステム |
|
MC68HC705P9CS データシート(PDF) 151 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705P9CS データシート(HTML) 151 Page - Freescale Semiconductor, Inc |
|
151 / 160 page ![]() MC68HC705P9 — Rev. 4.0 Technical Data MOTOROLA Ordering Information 151 Technical Data — MC68HC705P9 Section 14. Ordering Information 14.1 Contents 14.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 151 14.3 MC Order Numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .151 14.2 Introduction This section contains ordering numbers for the MC68HC705P9. 14.3 MC Order Numbers Table 14-1. Order Numbers Package Type Case Outline Pin Count Operating Temperature Order Number Plastic DIP(1) 1. DIP = dual in-line package 710 28 0 to +70 °C –40 to +85 °C –40 to +105 °C –40 to +125 °C MC68HC705P9P MC68HC705P9CP MC68HC705P9VP MC68HC705P9MP SOIC(2) 2. SOIC = small outline integrated circuit 733 28 0 to +70 °C –40 to +85 °C –40 to +105 °C –40 to +125 °C MC68HC705P9DW MC68HC705P9CDW MC68HC705P9VDW MC68HC705P9MDW CERDIP(3) 3. CERDIP = ceramic DIP 751F 28 0 to +70 °C –40 to +85 °C –40 to +105 °C –40 to +125 °C MC68HC705P9S MC68HC705P9CS MC68HC705P9VS MC68HC705P9MS Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |