| データシートサーチシステム |
|
SPMCK16Z4MPV16 データシート(PDF) 289 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 データシート(HTML) 289 Page - Freescale Semiconductor, Inc |
|
289 / 500 page ![]() M68HC16 Z SERIES ELECTRICAL CHARACTERISTICS USER’S MANUAL A-5 Table A-6 Thermal Characteristics Num Characteristic Symbol Value Unit 1 Thermal Resistance Plastic 132-Pin Surface Mount Plastic 144-Pin Surface Mount Θ JA 38 49 °C/W The average chip-junction temperature (TJ) in C can be obtained from: (1) where: TA= Ambient Temperature, °C Θ JA= Package Thermal Resistance, Junction-to-Ambient, °C/W PD= PINT + PI/O PINT= IDD × VDD, Watts — Chip Internal Power PI/O= Power Dissipation on Input and Output Pins — User Determined For most applications PI/O < PINT and can be neglected. An approximate relationship between PD and TJ (if PI/O is neglected) is: (2) Solving equations 1 and 2 for K gives: (3) where K is a constant pertaining to the particular part. K can be determined from equation (3) by measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving equations (1) and (2) iteratively for any value of TA. T J T A P D Θ JA × () + = P D KT J 273 °C + () ÷ = KP D T A 273 °C + () ×Θ JA P D 2 × + = Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |