| データシートサーチシステム |
|
SPMCK16Z4MPV16 データシート(PDF) 379 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 データシート(HTML) 379 Page - Freescale Semiconductor, Inc |
|
379 / 500 page ![]() M68HC16 Z SERIES REGISTER SUMMARY USER’S MANUAL D-5 $YFFA4E Chip-Select Option Address Register 0 (CSOR0) $YFFA50 Chip-Select Base Address Register 1 (CSBAR1) $YFFA52 Chip-Select Option Address Register 1 (CSOR1) $YFFA54 Chip-Select Base Address Register 2 (CSBAR2) $YFFA56 Chip-Select Option Address Register 2 (CSOR2) $YFFA58 Chip-Select Base Address Register 3 (CSBAR3) $YFFA5A Chip-Select Option Address Register 3 (CSOR3) $YFFA5C Chip-Select Base Address Register 4 (CSBAR4) $YFFA5E Chip-Select Option Address Register 4 (CSOR4) $YFFA60 Chip-Select Base Address Register 5 (CSBAR5) $YFFA62 Chip-Select Option Address Register 5 (CSOR5) $YFFA64 Chip-Select Base Address Register 6 (CSBAR6) $YFFA66 Chip-Select Option Address Register 6 (CSOR6) $YFFA68 Chip-Select Base Address Register 7 (CSBAR7) $YFFA6A Chip-Select Option Address Register 7 (CSOR7) $YFFA6C Chip-Select Base Address Register 8 (CSBAR8) $YFFA6E Chip-Select Option Address Register 8 (CSOR8) $YFFA70 Chip-Select Base Address Register 9 (CSBAR9) $YFFA72 Chip-Select Option Address Register 9 (CSOR9) $YFFA74 Chip-Select Base Address Register 10 (CSBAR10) $YFFA76 Chip-Select Option Address Register 10 (CSOR10) $YFFA78 Not Used $YFFA7A Not Used $YFFA7C Not Used $YFFA7E Not Used NOTES: 1. Y = M111, where M is the logic state of the module mapping (MM) bit in the SIMCR. Table D-2 SIM Address Map (Continued) Address1 15 8 7 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |