| データシートサーチシステム |
|
SPMCK16Z4MPV16 データシート(PDF) 466 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 データシート(HTML) 466 Page - Freescale Semiconductor, Inc |
|
466 / 500 page ![]() INITIALIZATION AND PROGRAMMING EXAMPLES M68HC16 Z SERIES E-14 USER’S MANUAL STAB DDRF ;Port F pins 0-7 as outputs (force 3-7 to 0) LDAB #$01 LDAA #$00 ***** Main Loop ***** START: STAB PORTF0 ;store counter into Port E data register STAA PORTF0 ;load A register with Port F data register BRA START ;go back and start the counting again at zero ***** Exceptions/Interrupts ***** BDM: BGND ;exception vectors point here ;and will put user into background mode E.2.1.2 Example 2 - Using Chip-Selects * Description : Demo of how to set up the U1 and U3 RAM slots with * two 32Kx8 RAM chips using the Chip Selects. The new * memory will start at address $30000 and will be both * byte and word readable/writable. * This program assumes that the RAM to be installed * (such as MCM60L256AP85 or MCM6206P85) have * access times of 85 ns and require no wait states. * The DSACK field of the Chip Select Option Registers * may need to be adjusted for chips that have faster or * slower access times. **************************************************************************** INCLUDE 'EQUATES.ASM' ;table of EQUates for common register addresses INCLUDE 'ORG00000.ASM' ;initialize reset vector INCLUDE 'ORG00008.ASM' ;initialize exception vector table ORG $0200 ;start program right after vector table ***** Initialization ***** INIT: ;Initialization stuff..... INCLUDE 'INITSYS.ASM' ;initially set EK=F, XK=0, YK=0, ZK=0 ;set sys clock at 16.78 MHz, disable COP INCLUDE 'INITRAM.ASM' ;turn on 1k internal SRAM at $10000 ;set stack in bank 1 (SK=1, SP=03FE) INCLUDE 'INITSCI.ASM' ;set SCI baud rate at 9600 baud ;enable SCI transmitter and receiver CSINIT: ;Initialize the Chip Selects..... LDD #$0303 STD CSBAR0 ;set U1 RAM base addr to $30000: bank 3, 64k STD CSBAR1 ;set U3 RAM base addr to $30000: bank 3, 64k LDD #$5030 STD CSOR0 ;set Chip Select 0, upper byte, write only Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |