| データシートサーチシステム |
|
SPMCK16Z4MPV16 データシート(PDF) 472 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 データシート(HTML) 472 Page - Freescale Semiconductor, Inc |
|
472 / 500 page ![]() INITIALIZATION AND PROGRAMMING EXAMPLES M68HC16 Z SERIES E-20 USER’S MANUAL CMPB #$20 BNE NO_DOG ;choose which string start address to load LDX #DOG_STRING ;COP caused the reset BRA PRINT NO_DOG: LDX #NO_DOG_STR ;COP did not cause the reset PRINT: JSR SEND_STRING ;print the string to the screen ANDP #$FF1F ;set interrupt priority mask level to 0 ***** The Main Program ***** MAIN: NOP BRA MAIN ;keep on looping until watchdog causes a reset ;or we get some other interrupt ***** Subroutines ***** SEND_STRING: ;subroutine to send out the entire ASCII string LDAB 0,X ;get next byte in string as pointed to by IX BEQ STRING_DONE ;if B=00, then we're done JSR SEND_CH ;go send out the byte AIX #$01 ;increment IX to point to the next byte BRA SEND_STRING ;loop back and do next byte in string STRING_DONE: RTS ;go back to whence we came SEND_CH: ;subroutine to send out one byte to SCI LDAA SCSR ;read SCI status reg to check/clear TDRE bit ANDA #$01 ;check only the TDRE flag bit BEQ SEND_CH ;if TDR is not empty, go back to check it again LDAA #$00 ;clear A to send a full word to SCDR ($FFC0E) STD SCDR ;transmit one ASCII character to the screen TC_LOOP: LDAB SCSR+1 ANDB #$80 ;test the TC bit (transfer complete) BEQ TC_LOOP ;continue to wait until TC is set RTS ;finish sending out byte ***** The STRINGs ***** DOG_STRING DC 'The Software Watchdog just caused a reset!',0a,0d,00 NO_DOG_STR DC 'The last reset was not caused by the COP.',0a,0d,00 AUTOV_STRING DC 'Feeding the dog...',0a,0d,00 ***** Periodic Interrupt Vector Routine ***** VECRT: ;When the processor is interrupted by the ;periodic timer, it will run this routine. ;This routine simply increments a clock ;every time it is interrupted, and prints ;the clock out on the dummy terminal. SECONDS: ;advance the counter for seconds Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |