データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA12001B データシート(PDF) 1 Page - Rohm

部品番号 BA12001B
部品情報  High voltage, high current Darlington transistor array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA12001B データシート(HTML) 1 Page - Rohm

  BA12001B Datasheet HTML 1Page - Rohm BA12001B Datasheet HTML 2Page - Rohm BA12001B Datasheet HTML 3Page - Rohm BA12001B Datasheet HTML 4Page - Rohm BA12001B Datasheet HTML 5Page - Rohm BA12001B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BA12001B / BA12003B / BA12003BF / BA12004B
Standard ICs
High voltage, high current Darlington
transistor array
BA12001B / BA12003B / BA12003BF / BA12004B
The BA12001B, BA12003B, BA12003BF, and BA12004B are high voltage, high current, high sustain voltage transistor
arrays consisting of seven circuits of Darlington transistors.
Because it incorporates built-in surge-absorbing diodes and base current-control resistors needed when using inductive
loads such as relay coils, attachments can be kept to a minimum.
With an output sustain voltage as high as 60V and an output current (sink current) of 500mA, this product is ideal for use
with various drivers and as an interface with other elements.
Applications
Drivers for LEDs, lamps, relays and solenoids
Interface with other elements
Features
1) High output current. (IOUT=500mA Max.)
2) High output sustain voltage. (VOUT=50V Max.)
3) Seven Darlington transistors built in.
4) Built-in surge-absorbing clamp diode.
(Note : Refer to the “Reference items when using in application.” )
Block diagram
IN1
IN2
IN3
IN4
IN5
IN6
IN7
GND
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
COM
8
16
15
14
13
12
11
10
1
2
3
4
5
6
7
9


同様の部品番号 - BA12001B

メーカー部品番号データシート部品情報
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
More results

同様の説明 - BA12001B

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com