データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0025021012 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 0025021012
部品情報  2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 12 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX3 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0025021012 データシート(HTML) 2 Page - Molex Electronics Ltd.

  0025021012 Datasheet HTML 1Page - Molex Electronics Ltd. 0025021012 Datasheet HTML 2Page - Molex Electronics Ltd. 0025021012 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
70204-0325
Reference - Drawing Numbers
Product Specification
PS-70204
Sales Drawing
SDA-70204-0321-0384
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 0025021012

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0025021010 MOLEX3-0025021010 Datasheet
233Kb / 3P
   2.54mm (.100") Pitch C-Grid Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 10 Circuits
0025021014 MOLEX3-0025021014 Datasheet
233Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 14 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0025021016 MOLEX3-0025021016 Datasheet
233Kb / 3P
   2.54mm (.100") Pitch C-Grid Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 16 Circuits
0025021018 MOLEX3-0025021018 Datasheet
233Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 18 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com