データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0190730037 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0190730037
部品情報  Avikrimp??Ring Tongue Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190730037 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0190730037 Datasheet HTML 1Page - Molex Electronics Ltd. 0190730037 Datasheet HTML 2Page - Molex Electronics Ltd. 0190730037 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190730037
Status:
Active
Description:
Avikrimp™ Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 4, Length
19.80mm (.779"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19073
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Avikrimp™
Type
Ring
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
4 (M2.6)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.56mm (.140") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.50
Material Info
Old Part Number
AA-832-04T
Reference - Drawing Numbers
Sales Drawing
SD-19073-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19073Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880023
Mini-Mac™
Applicator
0638851300


同様の部品番号 - 0190730037

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190730032 MOLEX4-0190730032 Datasheet
125Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 3/8", Length32.00mm (1.259")
0190730033 MOLEX4-0190730033 Datasheet
131Kb / 3P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 3/8", Length32.00mm (1.259"), Mylar Tape Carrier
0190730036 MOLEX4-0190730036 Datasheet
146Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 4, Length19.80mm (.779")
0190730038 MOLEX4-0190730038 Datasheet
146Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 5, Length19.80mm (.779")
More results

同様の説明 - 0190730037

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190730173 MOLEX4-0190730173 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal
0190730237 MOLEX4-0190730237 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal
0190730028 MOLEX4-0190730028 Datasheet
125Kb / 3P
   Avikrimp??Ring Tongue Terminal
0190730212 MOLEX4-0190730212 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal
0190730086 MOLEX4-0190730086 Datasheet
99Kb / 3P
   Avikrimp??Ring Tongue Terminal
0190580063 MOLEX4-0190580063 Datasheet
78Kb / 2P
   Avikrimp??Ring Tongue Terminal
0190770008 MOLEX4-0190770008 Datasheet
108Kb / 3P
   Avikrimp??Star Ring Tongue Terminal
0190770010 MOLEX4-0190770010 Datasheet
111Kb / 3P
   Avikrimp??Steel Star Ring Tongue Terminal
0191980005 MOLEX4-0191980005 Datasheet
66Kb / 3P
   Avikrimp??Spade Tongue Terminal
0191980007 MOLEX4-0191980007 Datasheet
66Kb / 3P
   Avikrimp??Spade Tongue Terminal
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com