データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0191930346 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0191930346
部品情報  VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191930346 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0191930346 Datasheet HTML 1Page - Molex Electronics Ltd. 0191930346 Datasheet HTML 2Page - Molex Electronics Ltd. 0191930346 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930346
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 2/0 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Comments
Type I Noninsulated; Class 2
Crimp Quality Equipment
Yes
Mil-Spec
AS20659-119, MS20659-119
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
5/16" (M8)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
2/0
Material Info
Old Part Number
J-385-56
Reference - Drawing Numbers
Sales Drawing
SD-19193-009
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual tool for
Crimping non-
insulated 8AWG thru
4/0 Terminals
0192940008
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900012


同様の部品番号 - 0191930346

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191930341 MOLEX4-0191930341 Datasheet
83Kb / 3P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930342 MOLEX4-0191930342 Datasheet
83Kb / 3P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930345 MOLEX4-0191930345 Datasheet
83Kb / 3P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930348 MOLEX4-0191930348 Datasheet
82Kb / 2P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
More results

同様の説明 - 0191930346

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191930341 MOLEX4-0191930341 Datasheet
83Kb / 3P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930333 MOLEX4-0191930333 Datasheet
82Kb / 3P
VersaKrimp??Ring Tongue Terminal for 1/0 AWG Wire
0191930354 MOLEX4-0191930354 Datasheet
77Kb / 2P
VersaKrimp??Ring Tongue Terminal for 3/0 AWG Wire
0191930345 MOLEX4-0191930345 Datasheet
83Kb / 3P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930350 MOLEX4-0191930350 Datasheet
86Kb / 2P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930342 MOLEX4-0191930342 Datasheet
83Kb / 3P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930360 MOLEX4-0191930360 Datasheet
77Kb / 2P
VersaKrimp??Ring Tongue Terminal for 3/0 AWG Wire
0191930348 MOLEX4-0191930348 Datasheet
82Kb / 2P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930351 MOLEX4-0191930351 Datasheet
86Kb / 2P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930352 MOLEX4-0191930352 Datasheet
86Kb / 2P
VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com