データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0190670031 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0190670031
部品情報  NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #11
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190670031 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0190670031 Datasheet HTML 1Page - Molex Electronics Ltd. 0190670031 Datasheet HTML 2Page - Molex Electronics Ltd. 0190670031 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190670031
Status:
Active
Description:
NylaKrimp™ Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #11
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19067
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
NylaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
7/16" (M11)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
8.98mm (.350") max.
Wire Size AWG
8
Wire Size mm²
0.60 - 10.5
Material Info
Old Part Number
D-952-76
Reference - Drawing Numbers
Sales Drawing
SD-19067-017
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19067Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890001
Putt Pump Dieless
Head System
0192860065
Hand Crimp Tool
0640013900
This document was generated on 06/08/2010


同様の部品番号 - 0190670031

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190670032 MOLEX4-0190670032 Datasheet
155Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #12
0190670033 MOLEX4-0190670033 Datasheet
155Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #18
0190670034 MOLEX4-0190670034 Datasheet
155Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #16
0190670035 MOLEX4-0190670035 Datasheet
154Kb / 2P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #6
More results

同様の説明 - 0190670031

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190670055 MOLEX4-0190670055 Datasheet
83Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #8
0190670032 MOLEX4-0190670032 Datasheet
155Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #12
0190670094 MOLEX4-0190670094 Datasheet
77Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #11
0190670065 MOLEX4-0190670065 Datasheet
82Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #11
0190670006 MOLEX4-0190670006 Datasheet
155Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #5
0190670035 MOLEX4-0190670035 Datasheet
154Kb / 2P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #6
0190670079 MOLEX4-0190670079 Datasheet
85Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 4 AWG Wire, Stud #8
0190670080 MOLEX4-0190670080 Datasheet
85Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 4 AWG Wire, Stud #11
0190670128 MOLEX4-0190670128 Datasheet
155Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #11
0190670025 MOLEX4-0190670025 Datasheet
155Kb / 3P
NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #8
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com