データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0191930298 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0191930298
部品情報  VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191930298 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0191930298 Datasheet HTML 1Page - Molex Electronics Ltd. 0191930298 Datasheet HTML 2Page - Molex Electronics Ltd. 0191930298 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930298
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 2 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
3/8" (M9)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
2
Material Info
Old Part Number
G-374-38
Reference - Drawing Numbers
Sales Drawing
SD-19193-007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900010
Hand Crimp Tool
0640013900
This document was generated on 04/14/2010


同様の部品番号 - 0191930298

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191930293 MOLEX4-0191930293 Datasheet
149Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 4 AWG Wire
0191930296 MOLEX4-0191930296 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930297 MOLEX4-0191930297 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930299 MOLEX4-0191930299 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
More results

同様の説明 - 0191930298

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191930320 MOLEX4-0191930320 Datasheet
85Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930303 MOLEX4-0191930303 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930307 MOLEX4-0191930307 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930297 MOLEX4-0191930297 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930302 MOLEX4-0191930302 Datasheet
89Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930296 MOLEX4-0191930296 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930299 MOLEX4-0191930299 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930309 MOLEX4-0191930309 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2 AWG Wire
0191930342 MOLEX4-0191930342 Datasheet
83Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
0191930350 MOLEX4-0191930350 Datasheet
86Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 2/0 AWG Wire
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com