データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R1140Q151B-TL データシート(PDF) 9 Page - RICOH electronics devices division

部品番号 R1140Q151B-TL
部品情報  SC82 120mA LDO REGULATOR???
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICOH [RICOH electronics devices division]
ホームページ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1140Q151B-TL データシート(HTML) 9 Page - RICOH electronics devices division

Back Button R1140Q151B-TL Datasheet HTML 5Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 6Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 7Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 8Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 9Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 10Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 11Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 12Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
R1140Q
8
TYPICAL CHARACTERISTICS
1)
Output Voltage vs. Output Current
R1140Q151
××××
R1140Q281
××××
1.2
1.6
1.4
0.8
0.2
0.6
0.4
1
0
Output Current IOUT (A)
0
0.05
2.5V
3.5V
2.0V
VIN=1.8V
0.15
0.25
0.2
0.3
0.1
2
3
2.5
1.5
0.5
1
0
Output Current IOUT (A)
0
0.05
3.8V
4.8V
3.3V
VIN=3.1V
0.15
0.25
0.2
0.3
0.1
R1140Q401
××××
3.5
4.5
4
2.5
1
2
1.5
3
0
0.5
Output Current IOUT (A)
0
0.05
4.5V
5.0V
6.0V
VIN=4.3V
0.15
0.25
0.2
0.3
0.1
2)
Output Voltage vs. Input Voltage
R1140Q151
××××
R1140Q281
××××
1.2
1.6
1.4
1.3
1.1
1.5
1
Input Voltage VIN (V)
12
1mA
30mA
50mA
5
46
3
2.7
2.9
2.8
2.5
2.2
2.4
2.3
2.6
2
2.1
Input Voltage VIN (V)
12
5
46
3
1mA
30mA
50mA


同様の部品番号 - R1140Q151B-TL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
R114003133 ETC2-R114003133 Datasheet
181Kb / 3P
STRAIGHT PLUG CLAMP TYPE
More results

同様の説明 - R1140Q151B-TL

メーカー部品番号データシート部品情報
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
SC82 120mA LDO REGULATOR????
R5322N RICOH-R5322N Datasheet
213Kb / 23P
SOT23-6W 120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
120mA 2ch LDO REGULATORS
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
5V 120mA Automotive LDO Regulator with Watchdog
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
LDO Regulator
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
120mA LDO REGULATOR
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
120mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com