データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0190190005 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0190190005
部品情報  Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110") x 0.81mm (.032")
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190190005 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0190190005 Datasheet HTML 1Page - Molex Electronics Ltd. 0190190005 Datasheet HTML 2Page - Molex Electronics Ltd. 0190190005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190190005
Status:
Active
Description:
Avikrimp™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab
2.79mm (.110") x 0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19019
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
2.79mm (.110")
Temperature Range - Operating
-65°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.90mm (.115") max.
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
AA-8134T
Reference - Drawing Numbers
Sales Drawing
SD-19019-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19019Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880048
Mini-Mac™
Applicator
0638850800


同様の部品番号 - 0190190005

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190190001 MOLEX4-0190190001 Datasheet
239Kb / 3P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
0190190003 MOLEX4-0190190003 Datasheet
239Kb / 3P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020")
0190190004 MOLEX4-0190190004 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 2.79mm(.110") x 0.81mm (.032")
0190190006 MOLEX4-0190190006 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect
0190190008 MOLEX4-0190190008 Datasheet
238Kb / 2P
Avikrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Box, Tab 4.75mm(.187") x 0.81mm (.032")
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com