データシートサーチシステム |
|
0982980004 データシート(PDF) 1 Page - Molex Electronics Ltd. |
|
0982980004 データシート(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0982980004 Status: Active Overview: mox_crimp_terminals Description: 2.54mm (.100") Pitch MOX Receptacle Housing, 6 Circuits, Breakable, Dual Row, Brown Documents: Application Specification (PDF) Product Specification PS-98298-001 (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family Crimp Housings Series 98298 Comments 2x3 Circuits Overview mox_crimp_terminals Product Name MOX Physical Circuits (maximum) 6 Color - Resin Brown Gender Female Glow-Wire Compliant No Keying to Mating Part None Lock to Mating Part Yes Material - Resin Polyester Number of Rows 2 Packaging Type Bag Panel Mount No Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -40°C to +105°C Electrical Current - Maximum per Contact 6A Material Info Reference - Drawing Numbers Application Specification AS-98298-001 Product Specification PS-98298-001 Sales Drawing SD-98298-002, SD-98298-003 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 98298Series Mates With Contact Molex Use With 98658 MOX Crimp Terminal This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
同様の部品番号 - 0982980004 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |