| データシートサーチシステム |
|
AT90PWM2 データシート(PDF) 154 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 データシート(HTML) 154 Page - ATMEL Corporation |
|
154 / 361 page ![]() 154 4317J–AVR–08/10 AT90PWM2/3/2B/3B Figure 16-33. PSC behaviour versus PSCn Input A in Mode 9 The output frequency is not modified by the occurence of significative edge of retriggering input. Only the output is disactivated when significative edge on retriggering input occurs. Note: In this mode the output of the PSC becomes active during the next ramp even if the Retrig- ger/Fault input is actve. Only the significative edge of Retrigger/Fault input is taken into account. Figure 16-34. PSC behaviour versus PSCn Input B in Mode 9 The retrigger event is taken into account only if it occurs during the corresponding On-Time. 16.18 PSC Input Mode 14: Fixed Frequency Edge Retrigger PSC and Disactivate Output PSCOUTn0 PSCOUTn1 DT0 OT0 DT1 OT1 DT0 OT0 DT0 OT0 DT1 OT1 DT1 OT1 PSCn Input A PSCOUTn0 PSCOUTn1 DT0 OT0 DT1 OT1 DT0 OT0 DT0 OT0 DT1 OT1 DT1 OT1 PSCn Input B |