データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT90PWM3 データシート(PDF) 154 Page - ATMEL Corporation

部品番号 AT90PWM3
部品情報  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 データシート(HTML) 154 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 150Page - ATMEL Corporation AT90PWM3 Datasheet HTML 151Page - ATMEL Corporation AT90PWM3 Datasheet HTML 152Page - ATMEL Corporation AT90PWM3 Datasheet HTML 153Page - ATMEL Corporation AT90PWM3 Datasheet HTML 154Page - ATMEL Corporation AT90PWM3 Datasheet HTML 155Page - ATMEL Corporation AT90PWM3 Datasheet HTML 156Page - ATMEL Corporation AT90PWM3 Datasheet HTML 157Page - ATMEL Corporation AT90PWM3 Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 361 page
background image
154
4317J–AVR–08/10
AT90PWM2/3/2B/3B
Figure 16-33. PSC behaviour versus PSCn Input A in Mode 9
The output frequency is not modified by the occurence of significative edge of retriggering input.
Only the output is disactivated when significative edge on retriggering input occurs.
Note: In this mode the output of the PSC becomes active during the next ramp even if the Retrig-
ger/Fault input is actve. Only the significative edge of Retrigger/Fault input is taken into account.
Figure 16-34. PSC behaviour versus PSCn Input B in Mode 9
The retrigger event is taken into account only if it occurs during the corresponding On-Time.
16.18 PSC Input Mode 14: Fixed Frequency Edge Retrigger PSC and Disactivate Output
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1
OT1
DT0
OT0
DT0
OT0
DT1
OT1
DT1
OT1
PSCn Input A
PSCOUTn0
PSCOUTn1
DT0
OT0
DT1
OT1
DT0
OT0
DT0
OT0
DT1
OT1
DT1
OT1
PSCn Input B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More