| データシートサーチシステム |
|
PIC16F720-E/ML データシート(PDF) 207 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-E/ML データシート(HTML) 207 Page - Microchip Technology |
|
207 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 207 PIC16F/LF720/721 FIGURE 23-16: SPI MASTER MODE TIMING (CKE = 1, SMP = 1) FIGURE 23-17: SPI SLAVE MODE TIMING (CKE = 0) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP81 SP71 SP72 SP74 SP75, SP76 SP78 SP80 MSb SP79 SP73 MSb In bit 6 - - - - - -1 LSb In bit 6 - - - -1 LSb Note 1: Refer to Figure 23-2 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP77 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In bit 6 - - - -1 LSb In SP83 Note 1: Refer to Figure 23-2 for load conditions. |