| データシートサーチシステム |
|
PIC16F720-E/ML データシート(PDF) 243 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-E/ML データシート(HTML) 243 Page - Microchip Technology |
|
243 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 243 PIC16F/LF720/721 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC16F720(1), PIC16LF720(1), PIC16F721(1), PIC16LF721(1) Temperature Range: I= -40 C to +85C E= -40 C to +125C MV = Micro Lead Frame (UQFN) Package: ML = Micro Lead Frame (QFN) P = Plastic DIP SO = SOIC SS = SSOP Pattern: 3-Digit Pattern Code for QTP (blank otherwise) Examples: a) PIC16F720-E/P 301 = Extended Temp., PDIP package, QTP pattern #301 b) PIC16F721-I/SO = Industrial Temp., SOIC package Note 1: T = In tape and reel. |