| データシートサーチシステム |
|
PIC16F720-E/ML データシート(PDF) 144 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-E/ML データシート(HTML) 144 Page - Microchip Technology |
|
144 / 244 page ![]() PIC16F/LF720/721 DS41430A-page 144 2010 Microchip Technology Inc. FIGURE 17-4: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 17-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional |