| データシートサーチシステム |
|
PIC16F720-E/ML データシート(PDF) 181 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F720-E/ML データシート(HTML) 181 Page - Microchip Technology |
|
181 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 181 PIC16F/LF720/721 SUBWF Subtract W from f Syntax: [ label ] SUBWF f,d Operands: 0 f 127 d [0,1] Operation: (f) - (W) destination) Status Affected: C, DC, Z Description: Subtract (2’s complement method) W register from register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f. SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 f 127 d [0,1] Operation: (f<3:0>) (destination<7:4>), (f<7:4>) (destination<3:0>) Status Affected: None Description: The upper and lower nibbles of register ‘f’ are exchanged. If ‘d’ is ‘0’, the result is placed in the W register. If ‘d’ is ‘1’, the result is placed in register ‘f’. C = 0 W f C = 1 W f DC = 0 W<3:0> f<3:0> DC = 1 W<3:0> f<3:0> XORLW Exclusive OR literal with W Syntax: [ label ] XORLW k Operands: 0 k 255 Operation: (W) .XOR. k W) Status Affected: Z Description: The contents of the W register are XOR’ed with the eight-bit literal ‘k’. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label ] XORWF f,d Operands: 0 f 127 d [0,1] Operation: (W) .XOR. (f) destination) Status Affected: Z Description: Exclusive OR the contents of the W register with register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f’. |