| データシートサーチシステム |
|
PIC16LF720-E/P データシート(PDF) 117 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-E/P データシート(HTML) 117 Page - Microchip Technology |
|
117 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 117 PIC16F/LF720/721 TABLE 15-6: SUMMARY OF REGISTERS ASSOCIATED WITH PWM Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ANSELB — — ANSB5 ANSB4 — — — — --11 ---- --11 ---- CCP1CON — — DC1 B1 CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000 CCPR1L Capture/Compare/PWM Register Low Byte xxxx xxxx uuuu uuuu CCPR1H Capture/Compare/PWM Register High Byte xxxx xxxx uuuu uuuu PR2 Timer2 module Period Register 1111 1111 1111 1111 T2CON — TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0 -000 0000 -000 0000 TMR2 Timer2 module Register 0000 0000 0000 0000 TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 Legend: - = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the PWM. |