| データシートサーチシステム |
|
PIC16LF720-E/SS データシート(PDF) 113 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF720-E/SS データシート(HTML) 113 Page - Microchip Technology |
|
113 / 244 page ![]() 2010 Microchip Technology Inc. DS41430A-page 113 PIC16F/LF720/721 TABLE 15-3: SUMMARY OF REGISTERS ASSOCIATED WITH COMPARE Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets ADCON0 — — CHS3 CHS2 CHS1 CHS0 GO/DONE ADON --00 0000 --00 0000 ANSELB — — ANSB5 ANSB4 — — — — --11 ---- --11 ---- CCP1CON — — DC1 B1 CCP1M3 CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000 CCPR1L Capture/Compare/PWM Register Low Byte xxxx xxxx uuuu uuuu CCPR1H Capture/Compare/PWM Register High Byte xxxx xxxx uuuu uuuu INTCON GIE PEIE TMR0IE INTE RABIE TMR0IF INTF RABIF 0000 000x 0000 000x PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 0000 0000 0000 0000 PIR1 TMR1GIF ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 0000 0000 0000 0000 T1CON TMR1CS1 TMR1CS0 T1CKPS1 T1CKPS0 — T1SYNC —TMR1ON 0000 -0-0 uuuu -u-u T1GCON TMR1GE T1GPOL T1GTM T1GSPM T1GGO/ DONE T1GVAL T1GSS1 T1GSS0 0000 0x00 uuuu uxuu TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TRISB TRISB7 TRISB6 TRISB5 TRISB4 — — — — 1111 ---- 1111 ---- TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 1111 1111 1111 1111 Legend: - = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the compare. |