データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

16F1825 データシート(PDF) 124 Page - Microchip Technology

部品番号 16F1825
部品情報  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1825 データシート(HTML) 124 Page - Microchip Technology

Back Button 16F1825 Datasheet HTML 120Page - Microchip Technology 16F1825 Datasheet HTML 121Page - Microchip Technology 16F1825 Datasheet HTML 122Page - Microchip Technology 16F1825 Datasheet HTML 123Page - Microchip Technology 16F1825 Datasheet HTML 124Page - Microchip Technology 16F1825 Datasheet HTML 125Page - Microchip Technology 16F1825 Datasheet HTML 126Page - Microchip Technology 16F1825 Datasheet HTML 127Page - Microchip Technology 16F1825 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 124
Preliminary
 2010 Microchip Technology Inc.
12.1
Alternate Pin Function
The Alternate Pin Function Control 0 (APFCON0) and
Alternate Pin Function Control 1 (APFCON1) registers
are used to steer specific peripheral input and output
functions between different pins. The APFCON0 and
APFCON1 registers are shown in Register 12-1 and
Register 12-2. For this device family, the following
functions can be moved between different pins.
• RX/DT/TX/CK
•SDO
•SS (Slave Select)
•T1G
• P1B/P1C/P1D/P2B
• CCP1/P1A/CCP2
These bits have no effect on the values of any TRIS
register. PORT and TRIS overrides will be routed to the
correct pin. The unselected pin will be unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More